Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics AN3027 Datasheet HTML 14Page - STMicroelectronics AN3027 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
11/41
3.3.2
Input capacitor
The input high-frequency filter capacitor (Cin) has to attenuate the switching noise due to the
high-frequency inductor current ripple (twice the average line current,
Figure 3).
The worst conditions occur on the peak of the minimum rated input voltage. The maximum
high-frequency voltage ripple across Cin is usually imposed between 5% and 20% of the
minimum rated input voltage. This is expressed by a coefficient r (= 0.05, 0.2) as an input
design parameter:
Equation 12
In real conditions the input capacitance is designed to take the EMI filter into account and to
have a tolerance on the component of about 5% -10% (typ. for polyester capacitors).
A commercial capacitor of Cin = 0.47 µF has been selected. Of course a bigger capacitor
benefits the EMI but hurts the THD, especially at high mains. Therefore a compromise must
be found between these two parameters. A good quality film capacitor for this component
must be selected in order to have an effective filter.
3.3.3
Output capacitor
The selection of the output bulk capacitor (Co) depends on the DC output voltage
(4), the
allowed maximum output voltage
(7) and the converter output power (3).
The 100/120 Hz (twice the mains frequency) voltage ripple (
∆Vout = peak-to-peak ripple
value) is a function of the capacitor impedance and the peak capacitor current:
Equation 13
With a low ESR capacitor the capacitive reactance is dominant, therefore:
Equation 14
∆Vout is usually selected in the range of 1.5% of the output voltage. Although ESR usually
does not affect the output ripple, it should be taken into account for calculating the power
losses. The total RMS capacitor ripple current, including mains frequency and switching
frequency components, is:
Equation 15
●
Ripple voltage coefficient (%):
(13)
15
.
0
r
=
min
min
sw
in
in
VAC
r
f
2
I
C
⋅
⋅
⋅
π
=
F
359
.
0
Vac
90
15
.
0
kHz
40
2
A
19
.
1
C
in
µ
=
⋅
⋅
⋅
π
=
2
2
O
l
out
out
ESR
)
C
f
2
2
(
1
I
2
V
+
⋅
⋅
π
⋅
⋅
=
∆
out
out
MAINS
out
out
l
out
O
V
V
f
2
P
V
f
2
I
C
∆
⋅
⋅
⋅
π
=
∆
⋅
⋅
π
≥
F
5
.
42
V
20
V
400
Hz
47
2
W
100
C
O
µ
=
⋅
⋅
⋅
π
≥
2
out
rms
2
Crms
I
ID
I
−
=
() (
)
A
67
.
0
A
25
.
0
A
72
.
0
I
2
2
Crms
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com