Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 25 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 25 Page - NEC

Back Button UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC UPD30121 Datasheet HTML 26Page - NEC UPD30121 Datasheet HTML 27Page - NEC UPD30121 Datasheet HTML 28Page - NEC UPD30121 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
Data Sheet U14691EJ1V0DS00
25
µµµµPD30121
2. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C)
Parameter
Symbol
Condition
Rating
Unit
VDD2
2.5 V (VDDP, VDDPD, VDD2)
−0.5 to +3.3
V
Supply voltage
VDD3
3.3 V (CVDD, DVDD, AVDD, PIUVDD, VDD3)
−0.5 to +4.0
V
VDD3
≥ 3.7 V
−0.5 to +4.0
V
Input voltage
VI
VDD3 < 3.7 V
−0.5 to VDD3 + 0.3
V
Storage temperature
Tstg
−65 to +150
°C
Cautions 1. Do not short-circuit two or more output pins simultaneously.
2. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
The specifications and conditions shown in DC Characteristics and AC Characteristics are
the ranges for normal operation and quality assurance of the product.
3. VI can be
−1.5 V if the input pulse is less than 10 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com