Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 22 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 22 Page - NEC

Back Button UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC UPD30121 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Data Sheet U14691EJ1V0DS00
22
µµµµPD30121
(2/3)
Pin Name
Internal
Processing
External
Processing
Drive
Capability
I/O Circuit
Type
Recommended
Connection of
Unused Pins
HLDRQ#
Note
Pull up
−
A
Directly connect to VDD
HLDACK#
Slew rate buffer
−
40 pF
A
Leave open
CKE
−−
120 pF
A
Leave open
RTCX1
−
Resonator
−−−
RTCX2
−
Resonator
−−
Leave open
CLKX1
−
Resonator
−−−
CLKX2
−
Resonator
−−
Leave open
FIRCLK
−
Resonator
−
A
Directly connect to VDD
BATTINH/
BATTINT#
Schmitt input
−−
B
Directly connect to VDD
MPOWER
−−
40 pF
A
Leave open
POWERON
−−
40 pF
A
Leave open
POWER
Schmitt input
−−
B
−
RSTSW#
Schmitt input
−−
B
−
RTCRST#
Schmitt input
−−
B
−
RxD
−−−
A
Connect to GND
TxD/CLKSEL2
−
Pull up/
Pull down
40 pF
A
−
RTS#/CLKSEL1
−
Pull up/
Pull down
40 pF
A
−
CTS#
−−−
A
Connect to VDD
DCD#/GPIO15
Schmitt input
Pull up
−
B
Connect to VDD or
GND
DTR#/CLKSEL0
−
Pull up/
Pull down
40 pF
A
−
DSR#
−−−
A
Connect to VDD
IRDIN
−
Pull up
−
A
Connect to VDD or
GND
IRDOUT#
−−
40 pF
A
Leave open
FIRDIN#/SEL
−
Pull up/
Pull down
40 pF
A
Connect to VDD via
resistor
DDIN/GPIO45
−−
40 pF
A
Connect to VDD or
GND via resistor
DDOUT/GPIO44
−−
40 pF
A
Leave open
DRTS#/GPIO46
−−
40 pF
A
Leave open
DCTS#/GPIO47
−−
40 pF
A
Connect to VDD or
GND via resistor
Note Intermediate-level input is enabled when the MPOWER pin is set for low-level output.
Remarks 1. No specification (
−) in the External Processing column indicates that the external processing is
unnecessary.
2. No specification (
−) in the Recommended Connection of Unused Pins column indicates that the pin
is always connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com