Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 43 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 43 Page - NEC

Back Button UPD30121 Datasheet HTML 39Page - NEC UPD30121 Datasheet HTML 40Page - NEC UPD30121 Datasheet HTML 41Page - NEC UPD30121 Datasheet HTML 42Page - NEC UPD30121 Datasheet HTML 43Page - NEC UPD30121 Datasheet HTML 44Page - NEC UPD30121 Datasheet HTML 45Page - NEC UPD30121 Datasheet HTML 46Page - NEC UPD30121 Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
Data Sheet U14691EJ1V0DS00
43
µµµµPD30121
(7)
DRAM refresh parameter
The target DRAM is the
µPD42S161615L-A60, 42S18165L-A60, 42S64165G5-A50, 42S64165G5-A60,
42S65165G5-A50, or 42S65165G5-A60.
(a) CAS-before-RAS refresh parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Read/write cycle time
tRC
104
ns
MRAS (0:3)# pulse width
tRAS
60
ns
MRAS (0:3)# precharge time
tRP
30
ns
UCAS#/LCAS# setup time (to MRAS (0:3)#
↓)tCSR
5ns
UCAS#/LCAS# hold time (from MRAS (0:3)#
↓)tCHR
10
ns
MRAS (0:3)# precharge time from
UCAS#/LCAS#
↑
tCRP
5ns
UCAS#/LCAS# precharge time
tCPN
10
ns
MRAS (0:3)#
Note 1
(output)
UCAS#/LCAS#
Note 2
(output)
WR#
(output)
H
tCSR
tRAS
tCHR
tRP
tCRP
tCPN
tRC
Notes 1. In 32-bit mode: Applied to MRAS (0:1)# pins
In 16-bit mode: Applied to UUCAS#/MRAS3#, ULCAS#/MRAS2#, and MRAS (0:1)# pins
2. In 32-bit mode: Applied to UUCAS#/MRAS3#, ULCAS#MRAS2#, UCAS#, and LCAS# pins
In 16-bit mode: Applied to UCAS# and LCAS# pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com