Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 72 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 72 Page - NEC

Back Button UPD30121 Datasheet HTML 68Page - NEC UPD30121 Datasheet HTML 69Page - NEC UPD30121 Datasheet HTML 70Page - NEC UPD30121 Datasheet HTML 71Page - NEC UPD30121 Datasheet HTML 72Page - NEC UPD30121 Datasheet HTML 73Page - NEC UPD30121 Datasheet HTML 74Page - NEC UPD30121 Datasheet HTML 75Page - NEC UPD30121 Datasheet HTML 76Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
Data Sheet U14691EJ1V0DS00
72
µµµµPD30121
4. RECOMMENDED SOLERING CONDITIONS
The
µPD30121 should be soldered and mounted under the following recommended conditions.
For details of recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Table 4-1. Surface Mounting Type Soldering Conditions
µµµµPD30121F1-131-GA1: 224-pin plastic FBGA (16 ×××× 16)
µµµµPD30121F1-168-GA1: 224-pin plastic FBGA (16 ×××× 16)
Soldering
Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 230
°C, Time: 30 seconds max. (at 210°C or
higher), Count: 2 times max., Exposure limit: 3 days
Note (after that, prebake at
125
°C for 10 to 72 hours.)
IR30-103-2
VPS
Package peak temperature: 215
°C, Time: 25 to 40 seconds (at 200°C or
higher), Count: 2 times max. , Exposure limit: 3 days
Note (after that, prebake at
125
°C for 10 to 72 hours.)
VP15-103-2
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin row)
Note
After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com