Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 15 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 15 Page - NEC

Back Button UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
Data Sheet U14691EJ1V0DS00
15
µµµµPD30121
(13) LED interface signal
Signal
I/O
Function
LEDOUT#
O
This is an output signal for lighting LEDs.
(14) Initial setting signals
Signal Name
I/O
Function
DBUS32/
GPIO48
I/O
The function differs depending on the operating status.
<During normal operation (output)>
This can be used as a general-purpose output port.
<After an RTC reset (input)>
This is the switching signal for the data bus width. This signal is sampled at 1RTC clock cycle
after the RTCRST# signal changes from low level to high level.
1: The data bus has a 32-bit width.
0: The data bus has a 16-bit width.
SMODE1/
GPIO49
I/O
The function differs depending on the operating status.
<During normal operation (output)>
This can be used as a general-purpose output port.
< After an RTC reset (input)>
This is a switching signal for the memory being used. It is used in combination with the
SMODE2 signal. This signal is sampled at 1RTC clock cycle after the RTCRST# signal
changes from low level to high level.
SMODE2
I
This a switching signal for the memory being used. It is used in combination with the SMODE1
signal. This signal is sampled when the RTCRST# signal changes from low level to high level.
The relation between the SMODE (2:1) signal and the memory being used is shown below.
MIPS16EN
I
This pin enables the use of MIPS16 instructions. This signal is sampled at 1RTC clock cycle after
the RTCRST# signal changes from low level to high level.
1: Enables the use of MIPS16 instructions.
0: Disables the use of MIPS16 instructions.
SMODE (2:1) signal
Used Memory
11
ROM: SROM
RAM: SDRAM
10
ROM: Flash memory, PageROM, ordinary ROM
RAM: SDRAM
01
ROM (boot bank): Flash memory, PageROM, ordinary ROM
ROM (except boot bank): SROM
RAM: SDRAM
00
ROM: Flash memory, PageROM, ordinary ROM
RAM: DRAM (EDO type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com