Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 21 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 21 Page - NEC

Back Button UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Data Sheet U14691EJ1V0DS00
21
µµµµPD30121
1.3 Recommended Connection and I/O Circuit Types
(1/3)
Pin Name
Internal
Processing
External
Processing
Drive
Capability
I/O Circuit
Type
Recommended
Connection of
Unused Pins
ADD25/SCLK
Slew rate buffer
120 pF
A
ADD (0:24)
Slew rate buffer
120 pF
A
DATA (0:15)
−−
40 pF
A
DATA (16:31)/
GPIO (16:31)
Note 1
40 pF
A
Connect to VDD or
GND via resistor
LCDCS#
Slew rate buffer
40 pF
A
Leave open
RD#
Slew rate buffer
Note 2
120 pF
A
Leave open
WR#
Slew rate buffer
Note 2
120 pF
A
Leave open
LCDRDY
Note 3
A
Connect to GND
ROMCS (2:3)#
Slew rate buffer
Note 4
40 pF
A
Leave open
ROMCS (0:1)#
Slew rate buffer
40 pF
A
Leave open
UUCAS#/MRAS3#
Slew rate buffer
Note 2
120 pF
A
Leave open
ULCAS#/MRAS2#
Slew rate buffer
Note 2
120 pF
A
Leave open
MRAS (0:1)#
Slew rate buffer
Note 2
40 pF
A
Leave open
UCAS#
Slew rate buffer
Note 2
120 pF
A
Leave open
LCAS#
Slew rate buffer
Note 2
120 pF
A
Leave open
BUSCLK
Slew rate buffer
40 pF
A
Leave open
SHB#
Slew rate buffer
Note 2
40 pF
A
Leave open
IOR#
Slew rate buffer
Note 2
40 pF
A
Leave open
IOW#
Slew rate buffer
Note 2
40 pF
A
Leave open
MEMR#
Slew rate buffer
Note 2
40 pF
A
Leave open
MEMW#
Slew rate buffer
Note 2
40 pF
A
Leave open
ZWS#
Note 5
Note 3
A
Connect to VDD
RSTOUT
Slew rate buffer
Pull up
40 pF
A
Leave open
IOCS16#
Note 5
Note 3
A
Connect to VDD
MEMCS16#
Note 5
Note 3
A
Connect to VDD
IOCHRDY
Note 5
Note 3
A
Connect to GND
Notes 1. Pins DATA (16:31)/GPIO (16:31) in the VR4121 function as GPIO (16:31) signals when using the 16-bit
data bus. When using these pins as GPIO (16:31) signals, pull them up or pull down so as not to input
an intermediate-level signal.
2. When the bus hold function is used, external pull-up is recommended for the VR4121.
3. Do not input an intermediate-level signal.
4. When used as the RAS signal of extended DRAM, external pull-up is recommended for the VR4121.
5. When the MPOWER pin outputs the low-level, intermediate-level input is enabled.
Remarks 1. No specification (
−) in the External Processing column indicates that the external processing is
unnecessary.
2. No specification (
−) in the Recommended Connection of Unused Pins column indicates that the pin
is always connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com