Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 6 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 6 Page - NEC

Back Button UPD30121 Datasheet HTML 2Page - NEC UPD30121 Datasheet HTML 3Page - NEC UPD30121 Datasheet HTML 4Page - NEC UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Data Sheet U14691EJ1V0DS00
6
µµµµPD30121
INTERNAL BLOCK DIAGRAM AND EXAMPLE OF CONNECTION OF EXTERNAL BLOCKS
LCD panel
480
× 240
PD16661
µ
PC card
PCMCIA
/buffer
ROM/SROM/flash
memory
EDO DRAM/
SDRAM
OSB
OSB
PLL
HSP
RTC
DSU
ICU
PMU
DCU
CMU
DMAAU
CODEC
AFE
VR4120 CPU core
131/168 MHz
BCU
32.768 kHz 18.432 MHz
VR4121
LCD module
GIU
KIU
AIU
LED
D/A
PIU
A/D
SIU
FIR
RS-232C
driver
IR
driver
Touch panel
48 MHz
CPU CORE INTERNAL BLOCK DIAGRAM
Virtual address bus
Internal data
bus
Control (o)
Control (i)
Address/data (o)
Address/data (i)
Bus
interface
Data
cache
(8 Kbytes)
Instruction
cache
(16 Kbytes)
TLB
CP0
CPU
Clock
generator
Internal clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com