Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 12 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 12 Page - NEC

Back Button UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Data Sheet U14691EJ1V0DS00
12
µµµµPD30121
(5)
RS-232C interface signals
Signal
I/O
Function
RxD
I
This is a receive data signal. It is used when the RS-232C controller sends serial data to the VR4121.
CTS#
I
This is a transmit enable signal. Assert this signal when the RS-232C controller is ready to receive
transmission of serial data.
DCD#/
GPIO15
I
This is a carrier detection signal. Assert this signal when valid serial data is being received. It is also
used when detecting a power-on factor for the VR4121.
When this pin is not used for DCD# signal, this pin can be used as an interrupt detection function for the
GIU unit.
DSR#
I
This is the data set ready signal. Assert this signal when the RS-232C controller is ready to
receive/transmit serial data between the controller and the VR4121.
TxD/
CLKSEL2,
RTS#/
CLKSEL1,
DTR#/
CLKSEL0
I/O
This function differs depending on the operating status.
<During normal operation (output)>
Signals used for serial communication
TxD signal :
This is a transmit data signal. It is used when the VR4121 sends serial data to the RS-232C
controller.
RTS# signal :
This is a transmit request signal. This signal is asserted when the VR4121 is ready to receive serial
data from the RS-232C controller.
DTR# signal :
This is a terminal equipment ready signal. This signal is asserted when the VR4121 is ready to
transmit or receive serial data.
<When RTC reset (input)>
Signals (CLKSEL (2:0) signal) used to set the CPU core operation frequency, BUSCLK signal
frequency, and internal bus clock frequency. These signals are sampled when the RTCRST# signal
changes from low level to high level.
The relationships between the CLKSEL (2:0) signal setting and each clock frequency are shown below.
Notes 1. Do not set CLKSEL (2:0) = 111.
2. The settings CLKSEL (2:0) = 110 and 101 are only guaranteed for the 168 MHz model. Do not apply
these settings to the 131 MHz model.
SDRAM/SROM
operation frequency
(VTClock)
CLKSEL
(2:0)
signal
CPU core
operation
frequency
(PClock)
MIN.
MAX.
BUSCLK
signal
frequency
(When
TClock
output)
BUSCLK
signal
requency
(When 1/4
of TClock)
Interrupt
control
clock
frequency
(MasterOut)
111
Note 1
RFU
RFU
RFU
RFU
RFU
RFU
110
Note 2
168.5 MHz
28.1 MHz
56.2 MHz
28.1 MHz
7.0 MHz
7.0 MHz
101
Note 2
147.5 MHz
29.5 MHz
59.0 MHz
29.5 MHz
7.4 MHz
7.4 MHz
100
131.1 MHz
32.8 MHz
65.5 MHz
32.8 MHz
8.2 MHz
8.2 MHz
011
118.0 MHz
29.5 MHz
59.0 MHz
29.5 MHz
7.4 MHz
7.4 MHz
010
98.3 MHz
32.8 MHz
65.5 MHz
32.8 MHz
8.2 MHz
8.2 MHz
001
90.7 MHz
30.2 MHz
60.5 MHz
30.2 MHz
7.6 MHz
7.6 MHz
000
78.6 MHz
26.2 MHz
52.4 MHz
26.2 MHz
6.6 MHz
6.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com