Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 11 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 11 Page - NEC

Back Button UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Data Sheet U14691EJ1V0DS00
11
µµµµPD30121
(3)
Battery monitor interface signals
Signal
I/O
Function
BATTINH/
BATTINT#
I
This function differs depending on how the MPOWER signal is set.
<When MPOWER signal = 0>
BATTINH function
This signal enables/prohibits activation due to power-on.
1 : Enable activation
0 : Prohibit activation
<When MPOWER signal = 1>
BATTINT# function
This is an interrupt signal that is output when remaining power is low during normal operations. The
external agent checks the remaining battery power. Activate the signal at this pin if voltage sufficient
for operations cannot be supplied.
(4)
Initialization interface signals
Signal
I/O
Function
MPOWER
O
This signal indicates the VR4121 is operating. This signal is inactive during Hibernate mode.
POWERON
O
This signal indicates the VR4121 is ready to operate. It becomes active when a power-on factor is
detected and becomes inactive when the BATTINH/BATTINT# signal check operation is completed.
POWER
I
This is a VR4121 activation signal.
RSTSW#
I
This is a VR4121 reset signal.
RTCRST#
I
This signal resets RTC. When power is first supplied to a device, the external agent must assert the
signal at this pin for about 2 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com