Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 60 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 60 Page - NEC

Back Button UPD30121 Datasheet HTML 56Page - NEC UPD30121 Datasheet HTML 57Page - NEC UPD30121 Datasheet HTML 58Page - NEC UPD30121 Datasheet HTML 59Page - NEC UPD30121 Datasheet HTML 60Page - NEC UPD30121 Datasheet HTML 61Page - NEC UPD30121 Datasheet HTML 62Page - NEC UPD30121 Datasheet HTML 63Page - NEC UPD30121 Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
Data Sheet U14691EJ1V0DS00
60
µµµµPD30121
(16) LCD interface parameter (1/2)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Address setup time (to command signal
↓)Note1
tAS
15
ns
Address hold time (from command signal
↑)Note1
tAH
0ns
Command signal recovery time
Note 1
tRY
30
ns
LCDRDY sampling start time
tCLR
0ns
Command signal delay time from LCDRDY
↑Notes1, 2
tRHCH
T
× NT × (N + 2) + 29
ns
LCDRDY hold time (from command signal
↑)Note1
tRYZ
0ns
Data output setup time (to command signal
↑)Notes1, 2
tDVCH
T
× (N + 2)
ns
Data output hold time (from command signal
↑)Note1
tCHDV
25
ns
Data input setup time (to command signal
↑)Note1
tDS
0ns
Data input hold time (from command signal
↑)Note1
tDH
5ns
Notes 1. With the VR4121, the RD# and WR# signals are called the command signals for the LCD interface.
2. The values of N is set by using the WLCD/M (0:1) bits of the BCUSPEEDREG register.
The value of T is set by using the CLKSEL (0:2) signals (TxD/CLKSEL2, RTS#/CLKSEL1, and
DTR#/CLKSEL0 pins).
CLKSEL2
Signal
CLKSEL1
Signal
CLKSEL0
Signal
T (ns)
WLCD/M1
Bit
WLCD/M0
Bit
N
(TClock)
11
1
RFU
008
11
0
35
016
10
1
33
104
10
0
30
112
01
1
33
01
0
30
00
1
33
00
0
38
Remarks 1. Do not set CLKSEL (2:0) signal
= 111.
2. Do not set CLKSEL (2:0) signal
= 110, 101 with 131 MHz model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com