Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 14 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 14 Page - NEC

Back Button UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Data Sheet U14691EJ1V0DS00
14
µµµµPD30121
(10) Touch panel/general purpose A/D interface signals
Signal
I/O
Function
TPX (0:1)
I/O
This is an I/O signal that is used for the touch panel. It uses the voltage applied to the X coordinate and
the voltage input to the Y coordinate to detect which coordinates on the touch panel are being pressed.
TPY (0:1)
I/O
This is an I/O signal that is used for the touch panel. It uses the voltage applied to the Y coordinate and
the voltage input to the X coordinate to detect which coordinates on the touch panel are being pressed.
ADIN (0:2)
I
This is a general-purpose A/D input signal.
(11) General-purpose I/O Signals
Signal
I/O
Function
GPIO (0:3)
I/O
These are maskable power-on factors. After start-up, they are used as ordinary general-
purpose I/O ports.
GPIO4/SRAS#
I/O
See (1) System bus interface signals.
GPIO5/SCAS#
I/O
See (1) System bus interface signals.
GPIO6/SYSDIR
I/O
See (1) System bus interface signals.
GPIO7/SPOWER
I/O
See (1) System bus interface signals.
GPIO8
I/O
These are general-purpose I/O ports.
GPIO (9:12)
I/O
These are maskable power-on factors. After start-up, they are used as ordinary general-
purpose I/O ports.
GPIO (13:14)
I/O
These are general-purpose I/O ports.
GPIO (16:31)/DATA (16:31)
I/O
See (1) System bus interface signals.
GPIO (32:43)/KSCAN (0:11)
O
See (8) Keyboard interface signals.
GPIO44/DDOUT
O
See (7) Debug serial interface signals.
GPIO45/DDIN
I/O
See (7) Debug serial interface signals.
GPIO46/DRTS#
O
See (7) Debug serial interface signals.
GPIO47/DCTS#
I/O
See (7) Debug serial interface signals.
GPIO48/DBUS32
I/O
See (14) Initial setting signals.
GPIO49/SMODE1
I/O
See (14) Initial setting signals.
(12) HSP MODEM interface signals
Signal
I/O
Function
IRING
I
RING signal detect signal. This pin becomes active when the RING signal is detected.
ILCSENSE
I
Handset detect signal
OFFHOOK
O
On-hook relay control signal
MUTE
O
Modem speaker mute control signal
AFERST#
O
CODEC reset signal
SDI
I
Serial input signal from CODEC
FS
I
Frame synchronization signal from CODEC
SDO
O
Serial output signal to CODEC
HSPSCLK
I
Operation clock input of modem interface block for CODEC
TELCON
O
Handset relay control signal
HC0
O
CODEC control signal
HSPMCLK
O
Clock output to CODEC
OPD#
O
Use this pin for controlling power of CODEC and DAA. This signal is set as active when the power
supply of CODEC and DAA is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com