Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30121 Datasheet(PDF) 9 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 9 Page - NEC

Back Button UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Data Sheet U14691EJ1V0DS00
9
µµµµPD30121
(2/3)
Signal
I/O
Function
ULCAS#/
MRAS2#
O
This function differs depending on how the DBUS32 signal is set and type of memory being accessed.
<When DBUS32 signal = 1>
When accessing DRAM (EDO type): This signal is active (ULCAS#) when a valid column address is
output via the ADD bus during access of DATA (16:23) signal in the 32-bit data bus.
When accessing SRAM: This is the I/O buffer control signal (ULDQM#) that is used during access of
DATA (16:23) signal in the 32-bit data bus.
During 32-bit access of LCD/high-speed system memory: Byte enable signal that is used during
access of DATA (16:23) signal.
<When DBUS32 signal = 0>
When accessing DRAM (EDO type): This is the DRAM's RAS signal (MRAS2#). This signal is
active when a valid row address is output via the ADD bus for the DRAM connected to the next
highest address after the highest high-order address.
When accessing SDRAM: This is the SDRAM's chip select signal (CS2#). This signal is active when
a command is issued for the SDRAM connected to the second highest high-order address.
MRAS (0:1)#
O
This function differs depending on the type of memory being accessed.
<When accessing DRAM (EDO type)>
This is the DRAM's RAS-only signal.
<When accessing SDRAM>
This is the SDRAM's chip select signal (CS (0:1)#).
UCAS#
O
This function differs depending on the type of memory being accessed.
<When accessing DRAM (EDO type)>
This is the DRAM's CAS signal. This signal is active when a valid column address is output via the
ADD bus during access of DATA (8:15) signal in the DRAM.
<When accessing SDRAM>
This is the I/O buffer control signal (UDQM#) that is used during access of DATA (8:15) signal.
< During 32-bit access of LCD/high-speed system memory >
This is the byte enable signal that is used during access of DATA (8:15) signal. This signal is active
when a valid address is output via the ADD bus for access to DATA (8:15) signal when the size of
the access bus to the LCD is 32 bits.
LCAS#
O
This function differs depending on the type of memory being accessed.
<When accessing DRAM (EDO type)>
This is the DRAM's CAS signal. This signal is active when a valid column address is output via the
ADD bus during access of DATA (0:7) signal in the DRAM.
<When accessing SDRAM>
This is the I/O buffer control signal (LDQM#) that is used during access of DATA (0:7) signal.
< During 32-bit access of LCD/high-speed system memory >
This is the byte enable signal that is used during access of DATA (0:7) signal.
BUSCLK
O
This is the system bus clock. It is used to output the clock that is supplied to the controller on the
system bus. Its frequency is determined based on the status of the CLKSEL (0:2) signal. Ordinarily,
the frequency is 1/4 of the TClock frequency. (See (5) RS-232C interface signals). The frequency
can be changed via the PMU register settings.
SHB#
O
This is the system bus high-byte enable signal. During 16-bit system bus access, this signal is active
when the high-order byte is valid on the data bus.
IOR#
O
This is the system bus I/O read signal. It is active when the VR4121 accesses the system bus to read
data from an I/O port.
IOW#
O
This is the system bus I/O write signal. It is active when the VR4121 accesses the system bus to write
data to an I/O port.
MEMR#
O
This is the system bus memory read signal. It is active when the VR4121 accesses the system bus to
read data from memory.
MEMW#
O
This is the system bus memory write signal. It is active when the VR4121 accesses the system bus to
write data to memory.
ZWS#
I
This is the system bus zero wait state signal. Set this signal as active to enable the controller on the
system bus to be accessed by the VR4121 without a wait interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com