Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN4007
Test board: design and evaluation
Doc ID 022455 Rev 2
9/33
Figure 5.
Efficiency vs. output power
1.3
No-load consumption
The input power of the converter was measured in no load condition, with brownout
protection disabled (see relevant
Section 2.4: Brownout protection) and brownout protection
enabled in the entire input voltage range.
The converter in the no load condition works always in burst mode so that the average
switching frequency is reduced. The presence of the brownout resistor divider (R16, R17
and R18, see schematic in
Figure 2) does not affect the average switching frequency but
increases the input power consumption due to the power dissipated across it.
It is worth noting that often, if the converter is used as the standby power supply for LCD
TVs, PDPs or other applications, the EMI line filter often coincides with the main power
supply line filter that heavily contributes to standby consumption even if the power needed
by the auxiliary power supply is very low.
Table 5.
Efficiency at 230 VAC
Load
IOUT
VOUT
POUT
PIN
Efficiency
25%
0.75
4.97
3.73
4.9
76.07%
50%
1.5
4.965
7.45
9.61
77.50%
75%
2.25
4.965
11.17
14.45
77.31%
100%
3
4.95
14.85
19.3
76.94%
Average efficiency
76.96%
02
46
8
10
12
14
16
72
73
74
75
76
77
78
79
115 Vac
230 Vac
average @115 Vac
averege @230 Vac
Output power [W]
CoC & DoE limits
AM11344v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com