Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics AN4007 Datasheet HTML 16Page - STMicroelectronics AN4007 Datasheet HTML 17Page - STMicroelectronics AN4007 Datasheet HTML 18Page - STMicroelectronics AN4007 Datasheet HTML 19Page - STMicroelectronics AN4007 Datasheet HTML 20Page - STMicroelectronics AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Test board: design and evaluation
AN4007
18/33
Doc ID 022455 Rev 2
Figure 19.
Dynamic step load: 0 to 100% load
1.7
Soft-start
When the converter starts, the output capacitor is discharged and needs some time to reach
the steady-state condition. During this time the power demand from the control loop is the
maximum while the reflected voltage is low. These two conditions could lead to a deep
continuous operating mode of the converter.
When the MOSFET is switched on, it cannot be switched off immediately as the minimum
on-time (TON_MIN) must elapse. Because of the deep continuous working mode of the
converter, during this TON_MIN, an excess of drain current can overstress the component of
the converter as well as the device itself, the output diode, and the transformer. Transformer
saturation is also possible under these conditions.
To avoid all the described negative effects, the VIPER37LE implements an internal soft-start
feature. As the device starts to work, no matter what the control loop requests, the drain
current is allowed to increase from zero to the maximum value gradually.
The drain current limit is incremented in steps, and the values range from 0 to the fixed drain
current limitation value (values that can be adjusted through an external resistor) which is
divided into 16 steps. Each step length is 64 switching cycles. The total length of the soft-
start phase is about 8.5 ms.
Figure 20 shows the soft-start phase of the presented converter
when it is operating at minimum line voltage and maximum load.
AM11358v1
Ch1 (Max): 5.35 V
M: 20.0 µs/div
Ch2 (Max): 3.07 A
Ch1 (Min): 4.58 V
I OUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com