Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics AN4007 Datasheet HTML 28Page - STMicroelectronics AN4007 Datasheet HTML 29Page - STMicroelectronics AN4007 Datasheet HTML 30Page - STMicroelectronics AN4007 Datasheet HTML 31Page - STMicroelectronics AN4007 Datasheet HTML 32Page - STMicroelectronics AN4007 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Thermal measurements
AN4007
30/33
Doc ID 022455 Rev 2
4
Thermal measurements
A thermal analysis of the board was performed using an IR camera.
The board was submitted to full load at nominal input voltage and the thermal map was
taken 15 min. after the power-on at ambient temperature (25 °C).
Figure 34 and 35 show the results.
Figure 34.
Thermal map at 115 VAC and full load
Figure 35.
Thermal map at 230 VAC and full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com