Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics AN4007 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Test board: design and evaluation
AN4007
12/33
Doc ID 022455 Rev 2
Figure 9.
Drain current and voltage at full load 85 VAC
Figure 10.
Drain current and voltage at full load 115 VAC
AM11348v1
IDS
VDS
V
Ch1 (Max): 356.4
Ch2 (Max): 734.0 mA
M: 4.0 µs/div
AM11349v1
Ch1 (Max): 417.6 V
Ch2 (Max): 792.0 mA
M: 4.0 µs/div
IDS
VDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com