Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics AN4007 Datasheet HTML 16Page - STMicroelectronics AN4007 Datasheet HTML 17Page - STMicroelectronics AN4007 Datasheet HTML 18Page - STMicroelectronics AN4007 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AN4007
Test board: design and evaluation
Doc ID 022455 Rev 2
15/33
Figure 14.
Output voltage ripple at full load and 115 VAC
Figure 15.
Output voltage ripple during burst mode and 115 VAC
AM11353v1
Ch1 (Pk-Pk): 22.05 mV
Ch2 (Pk-Pk): 248.2 mV
M: 20.0 µs/div
VOUT_PRE
VOUT
AM11354v1
Ch1 (Pk-Pk): 19.79 mV
Ch2 (Pk-Pk): 56.45 mV
M: 400.0 µs/div
VOUT_PRE
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com