Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics AN4007 Datasheet HTML 16Page - STMicroelectronics AN4007 Datasheet HTML 17Page - STMicroelectronics AN4007 Datasheet HTML 18Page - STMicroelectronics AN4007 Datasheet HTML 19Page - STMicroelectronics AN4007 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Test board: design and evaluation
AN4007
16/33
Doc ID 022455 Rev 2
Figure 16.
Output voltage ripple during burst mode and 230 VAC
1.6
Dynamic step load regulation
In any power supply it is important to measure the output voltage when the converter is
submitted to dynamic load variations, in order to be sure that good stability is ensured and
no overvoltage on undervoltage occurs.
The board under evaluation was submitted to dynamic load variations from 0 to 50% loads
(
Figure 17), from 50% to 100% loads (Figure 18) and from 0 to 100% loads (Figure 19).
In any tested condition, no abnormal oscillations were noticed on the output and the
over/undershoot were well within acceptable values.
AM11355v1
Ch1 (Pk-Pk): 27.27 mV
Ch2 (Pk-Pk): 64.68 mV
M: 400.0 µs/div
VOUT_PRE
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com