Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 16Page - STMicroelectronics AN4007 Datasheet HTML 17Page - STMicroelectronics AN4007 Datasheet HTML 18Page - STMicroelectronics AN4007 Datasheet HTML 19Page - STMicroelectronics AN4007 Datasheet HTML 20Page - STMicroelectronics AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Protection features
AN4007
20/33
Doc ID 022455 Rev 2
2
Protection features
The VIPER37LE has several protection features that considerably increase end-product
safety and reliability: overload protection, overvoltage protection, shorted secondary rectifier
detection and transformer saturation protection. In the following paragraphs all protections
are tested and the results are presented.
2.1
Overload and short-circuit protection
If the load power demand increases, the output voltage decreases and consequently the
feedback loop reacts, increasing the voltage on the FEEDBACK pin.
The FEEDBACK pin voltage increase leads to the PWM current set point increase, with the
rise of the power delivered to the output. This process ends when the delivered power
equals the load power requested.
If the load power demand exceeds the power capability (that can be adjusted using RLIM),
the voltage on the FEEDBACK pin continuously rises, but the drain current is limited to the
fixed current limitation value.
When the FEEDBACK pin voltage exceeds VFB_lin (3.3 V typ), the VIPER37LE takes it as a
warning status of an output overload condition. Before stopping the system, the device waits
for a time fixed by the FB capacitor. When the voltage on the FEEDBACK pin exceeds
VFB_lin, an internal pull-up circuit is disconnected and the pin starts sourcing a 3 A current
that charges the capacitor connected to the FEEDBACK pin itself. As the FEEDBACK pin's
voltage reaches the VFB_olp threshold (4.8 V typ.), the power MOSFET stops switching and
is not allowed to switch again until the VDD voltage falls below VDD_RESTART (4.5 V typ.).
If the short-circuit is not removed, the system starts to work in auto-restart mode: in this
case the MOSFET switches for a short period of time and the converter tries to deliver to the
output as much power as it can, and for a longer period where the device is not switching
and no power is processed.
As the duty cycle of power delivery is very low (around 4%), the average power throughput
is also very low, resulting in a very safe operation.
Figure 21 and 22 show the triggering of the overload and the operation with continuous
overload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com