Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 20Page - STMicroelectronics AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics AN4007 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Protection features
AN4007
24/33
Doc ID 022455 Rev 2
Figure 25.
2nd level OCP: protection tripping
Figure 26.
2nd level OCP: steady-state operating conditions
AM11364v1
Ch2 (Max): 2.14 A
M: 40.0 µs/div
I DRAIN
VFB
AM11365v1
Ch2 (Freq.): 1.39 Hz
M: 200.0 µs/div
Ch2 (Duty cycle): 1.71 %
VFB
VCC
I DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com