Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics AN4007 Datasheet HTML 28Page - STMicroelectronics AN4007 Datasheet HTML 29Page - STMicroelectronics AN4007 Datasheet HTML 30Page - STMicroelectronics AN4007 Datasheet HTML 31Page - STMicroelectronics AN4007 Datasheet HTML 32Page - STMicroelectronics AN4007 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN4007
Conclusions
Doc ID 022455 Rev 2
31/33
5
Conclusions
A 15 W wide range single-output flyback converter using the new VIPER37LE has been
introduced and the results given.
The presented flyback converter is suitable as an external adapter or as an auxiliary power
supply in consumer equipment. Special attention was paid to low load performance and the
bench results are good with very low input power in light load condition.
The efficiency performances were compared with the requirements fixed by both EC CoC
and DoE US EISA 2007 programs for external AC/DC adapters with very good results, the
measured Active mode efficiency is always higher with respect to the minimum required.
6
Demonstration tools and documentation
The VIPER37LE demonstration board order code is: EVLVIP37LE5V3A.
Further information about this product is available in the VIPER37 datasheet at www.st.com.
Table 6.
Temperature of key components (Tamb=25 °C, emissivity=0.95 for all
points)
Point
Reference
T [°C] at 115 VAC
T [°C] at 230 VAC
A
IC (VIPER37LE)
61.2
63.4
B
D1 (Transil clamp)
82.8
81.6
C
D2 (output diode)
44.1
45.0
D
TF (flyback transformer)
67.3
70.0
E
NTC (inrush limiter)
54.1
41.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com