Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 19Page - STMicroelectronics AN4007 Datasheet HTML 20Page - STMicroelectronics AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN4007
Protection features
Doc ID 022455 Rev 2
23/33
Figure 24.
Overvoltage event: OVP triggering (magnification)
2.3
Secondary winding short-circuit and transformer saturation
protection
The VIPER37LE is equipped with a hiccup mode overcurrent protection level.
If the drain current exceeds the second overcurrent threshold, the device enters a warning
state, at the next switching cycle, if the hiccup mode level is exceeded again, the device
assumes that a secondary winding short-circuit or a hard saturation of the transformer has
occurred, so the device stops operating and the MOSFET is no longer allowed to switch on.
In order to enable the MOSFET to switch on again, the VCC voltage must be recycled down
to VCCrestart and then up to VCCon. If the cause of the hiccup mode overcurrent protection
activation is not removed, the device again enters auto-restart mode. The extremely low
repetition rate ensures safe and reliable operation.
This protection was tested on the demonstration board. The secondary winding of the
transformer was shorted in different operating conditions.
Figure 25 and 26 show the
behavior of the system during fault.
AM11363v1
Ch2 (Max): 3.08 V
M: 20.0 µs/div
VOUT
I DRAIN
VCONT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com