Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics AN4007 Datasheet HTML 16Page - STMicroelectronics AN4007 Datasheet HTML 17Page - STMicroelectronics AN4007 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Test board: design and evaluation
AN4007
14/33
Doc ID 022455 Rev 2
The ripple at the switching frequency superimposed at the output voltage was also
measured. The board is provided with an LC filter to further reduce the ripple without
reducing the overall output capacitor’s ESR.
The voltage ripple across the output connector (VOUT) and before the LC filter (VOUT_PRE)
were measured in order to verify the effectiveness of the LC filter:
Figure 13 shows the
output voltage ripple at full load when the converter input voltage is 115 VAC; while Figure 14
shows the output voltage ripple at full load when the converter input voltage is 230 VAC.
Figure 13.
Output voltage ripple at full load and 230 VAC
AM11352v1
Ch1 (Pk-Pk): 18.73 mV
Ch2 (Pk-Pk): 298.3 mV
M: 20.0 µs/div
VOUT_PRE
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com