Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics AN4007 Datasheet HTML 28Page - STMicroelectronics AN4007 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN4007
Protection features
Doc ID 022455 Rev 2
25/33
2.4
Brownout protection
Brownout protection is basically an unlatched device shutdown functionality whose typical
use is to sense mains undervoltage or unplugged mains. The VIPER37LE has a BR pin
dedicated to this function which must be connected to the DC HV bus through a voltage
divider.
If the protection is not required, it can be disabled by connecting the pin to ground. In the
presented converter, brownout protection is implemented but can be disabled by changing
the jumper JMP.
The converter's shutdown is accomplished by means of an internal comparator internally
referenced to 450 mV that disables the PWM if the voltage applied at the BR pin is below the
internal reference.
PWM operation is re-enabled as the BR pin voltage is more than 450 mV plus 50 mV of
voltage hysteresis that ensures noise immunity. The brownout comparator is also provided
with current hysteresis. An internal 10 A current generator is ON as long as the voltage
applied at the BROWNOUT pin is below 450 mV and is OFF if the voltage exceeds 450 mV
plus the voltage hysteresis.
In
Figure 27 the converter’s power-down is shown: once the main is disconnected and the
bulk capacitor is discharged, the IC stops switching when the DC bus voltage falls below
78 V. This reduces the RMS input current and ensures monotonic output voltage decay.
Figure 28 and 29 show brownout protection during the wake-up phase: once the DC bus
reaches 100 V, as the voltage on VDD pin is higher than VDDoff, the IC starts switching.
Figure 27.
Brownout protection: converter’s power-down phase
AM11366v1
V2: 459 mV
M: 1.0 s/div
V1: 78 V
VBR
VBUS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com