Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4007 Datasheet HTML 1Page - STMicroelectronics AN4007 Datasheet HTML 2Page - STMicroelectronics AN4007 Datasheet HTML 3Page - STMicroelectronics AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN4007
Test board: design and evaluation
Doc ID 022455 Rev 2
5/33
Note:
If not otherwise specified, all resistors are ±5%, ¼ W
.
C5
ZLH series
100 µF - 16 V electrolytic
Rubycon
C6
B81133C1223M
22 nF - X2
EPCOS
C7
2.2 nF Y-CAP
C9, C10
10 nF ceramic – 25 V
C11
33 nF ceramic – 25 V
C12
22 µF - 35 V electrolytic
C13
2.2 nF ceramic – 25 V
C14
22 nF ceramic – 25 V
D1
1.5KE220A
Transil™
ST
D2
STPS30L40CT
Power Schottky diode
ST
D3
STTH1L06A
Ultra-fast high voltage diode
ST
D5
BAT46RL
Signal Schottky diode
ST
D4, D7
1N4148
Signal diode
NXP
D6
BZX79-C18
18 V Zener diode
NXP
L1
ELC09D2R2F
2.2 H power inductor
Panasonic
CM
BU16-2530R7BL
CM choke
Coilcraft
BR
DF08M-E3
Bridge diode
Vishay
IC1
VIPER37LE
Primary switching regulator
ST
OPT
KB817A
Optoisolator
Kingbright
TF
1715.0038
Flyback transformer
Magnetica
Fs
1.6 A fuse
Wickmann
NTC
B57236S0160M
NTC inrush current limiter
EPCOS
Table 2.
VIPER37LE demonstration board: bom list (continued)
Reference
Part
Description
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com