Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4007 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics AN4007 Datasheet HTML 13Page - STMicroelectronics AN4007 Datasheet HTML 14Page - STMicroelectronics AN4007 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN4007
Test board: design and evaluation
Doc ID 022455 Rev 2
11/33
Figure 8.
Light load consumption at different output power with brownout
1.5
Typical board waveforms
Drain voltage and current waveforms were reported at nominal input voltages and for the
minimum and the maximum voltage of the converter input operating range.
Figure 10 and 11
show the drain current and the drain voltage waveforms at the two nominal input voltages
and full load, while
Figure 9 and 12 show the same waveforms at the minimum and
maximum input voltage range respectively.
The converter is designed to operate in continuous conduction mode (in full load condition)
at low line. CCM (continuous conduction mode) allows the reduction of the root mean
square currents value, at the primary side, in the power switch inside the VIPer and in the
primary winding of the transformer; at the secondary side in the output diode (D2) and in the
output capacitors (C3 and C4). Reducing RMS currents means reducing the power
dissipation in the VIPer™ and the stress of the secondary side components.
AM11346v1
0
50
100
150
200
250
300
350
400
450
50
100
150
200
250
300
30mW
50mW
100mW
250mW
Input voltage [Vac]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com