Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 59 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 55Page - STMicroelectronics UM0324 Datasheet HTML 56Page - STMicroelectronics UM0324 Datasheet HTML 57Page - STMicroelectronics UM0324 Datasheet HTML 58Page - STMicroelectronics UM0324 Datasheet HTML 59Page - STMicroelectronics UM0324 Datasheet HTML 60Page - STMicroelectronics UM0324 Datasheet HTML 61Page - STMicroelectronics UM0324 Datasheet HTML 62Page - STMicroelectronics UM0324 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
UM0324
Library functions
59/105
Figure 37.
Rotor flux angle calculation (tachogenerator)
IFOC_CalcFluxTorqueRef
Synopsis
void IFOC_CalcFluxTorqueRef (void)
Description
This function provides current components iqs* and ids* to be used
as reference values (by the IFOC_Model function) in closed-loop
speed mode (see “Torque & Flux opt” block in Figure 38).
Speed setpoint and actual rotor speed
ωr are compared in a PID
control loop, whose output is iqs**. This component, together with
the previous flux reference and the rotor speed
ωr, is used to work
out the stator frequency that has to be generated. With this
information, two lookup-tables (described in MC_ACmotor_prm,
Section 2.2.5 , defined by taking into account the field weakening
strategy explained in Section 4.4.4) are run through, in order to get
the optimal flux reference (ids*) and the saturation value of the
torque current component (iqs max) that allow to reach the desired
speed (under the obvious limitations of rated torque and rated
power).
Input
None.
Returns
None.
Functions called
PID_Speed_Regulator;
mul_q15_q15_q31, div_q31_q15_q15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com