Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 9Page - STMicroelectronics UM0324 Datasheet HTML 10Page - STMicroelectronics UM0324 Datasheet HTML 11Page - STMicroelectronics UM0324 Datasheet HTML 12Page - STMicroelectronics UM0324 Datasheet HTML 13Page - STMicroelectronics UM0324 Datasheet HTML 14Page - STMicroelectronics UM0324 Datasheet HTML 15Page - STMicroelectronics UM0324 Datasheet HTML 16Page - STMicroelectronics UM0324 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
UM0324
Getting started with tools
13/105
1.3.3
Starting the IAR toolchain
When you have installed the toolchain, you can open the workspace directly from the
dedicated folder, by double-clicking on the IFOC.eww file:
The file location is:
\ FOC_AC_SR_v1.0 \ IAR \ IFOC.eww
1.4
Customizing the workspace for your STR750X derivative
The AC IM IFOC software library was written for the STR750FVT2. However, it works
equally successfully with all the products in the STR75x family.
Using a different STR750 sales type may require some modifications to the library,
according to the available features (some of the I/O ports are not present on low-pin count
packages). Refer to the datasheet for further details.
Also, depending on the memory size, the workspace may have to be configured to fit your
STR75x MCU derivative.
Figure 3.
Device summary
1.4.1
Inkarm_xxx.xcl
file (internal/external flash or RAM based project)
The IAR\config folder contains 3 files:
Inkarm_flash.xcl
Inkarm_smi.xcl
Inkarm_ram.xcl
These files are used as an extended command linker file and contain linker options. Memory
areas, start address, size, and other parameters are declared here. It also contains the
value assigned to the stack size for each ARM operating mode (for example, USER or FIQ.
Refer to the ARM7TDMI-S Technical Reference Manual for more information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com