Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 65 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 61Page - STMicroelectronics UM0324 Datasheet HTML 62Page - STMicroelectronics UM0324 Datasheet HTML 63Page - STMicroelectronics UM0324 Datasheet HTML 64Page - STMicroelectronics UM0324 Datasheet HTML 65Page - STMicroelectronics UM0324 Datasheet HTML 66Page - STMicroelectronics UM0324 Datasheet HTML 67Page - STMicroelectronics UM0324 Datasheet HTML 68Page - STMicroelectronics UM0324 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
UM0324
Library functions
65/105
As a result of data processing, the following information can be obtained:
●
highest frequency of constant torque region, i.e. the maximum allowable frequency
before entering field weakening; content of cell B13 should be inserted (as parameter
RATED_FREQ
) in MC_ACMotor_Prm.h (see Section 2.2.5);.
●
reference values of ids, in q1.15 format, according to increasing stator frequency;
column P should be copied (as hFlux_Reference) in MC_ACMotor_Prm.h.
●
saturation values of current component iqs, in q1.15 format, according to increasing
stator frequency; column Q should be copied (as hTorque_Reference) in
MC_ACMotor_Prm.h
.
4.5
Reference frame transformations: MC_Clarke_Park.h
module
4.5.1
Overview
This module, intended for AC machines (induction, synchronous and PMSM), is designed to
perform transformations of electric quantities between frames of reference that rotate at
different speeds.
Based on the arbitrary reference frame theory, the module provides three functions, named
after two pioneers of electric machine analysis, E. Clarke and R.H. Park.
These functions implement three variable changes that are required to carry out field-
oriented control (FOC):
●
Clarke transforms stator currents to a stationary orthogonal reference frame (named qd
frame, see Figure 40);
●
then, from that arrangement, Park transforms currents to a frame that rotates at an
arbitrary speed (which, in IFOC drive, is synchronous with the rotor flux);
●
Reverse Park transformation brings back stator voltages from a rotating qd frame to a
stationary one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com