Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 20Page - STMicroelectronics UM0324 Datasheet HTML 21Page - STMicroelectronics UM0324 Datasheet HTML 22Page - STMicroelectronics UM0324 Datasheet HTML 23Page - STMicroelectronics UM0324 Datasheet HTML 24Page - STMicroelectronics UM0324 Datasheet HTML 25Page - STMicroelectronics UM0324 Datasheet HTML 26Page - STMicroelectronics UM0324 Datasheet HTML 27Page - STMicroelectronics UM0324 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
Getting started with the library
UM0324
24/105
Figure 8.
Torque vs. speed characteristic curve
The following parameters are required only to enter the field weakening operation (constant
power region begins beyond the RATED_FREQ boundary mentioned above):
●
hFlux_Reference
: this look-up table (256 signed 16-bit values) provides reference
values of current ids (expressed in q1.15 format), according to increasing stator
frequencies (see Section 4.4.4 on page 63);
Note:
The first element of the table should have the same value as the hNominal_Flux
parameter.
●
hTorque_Reference
: this look-up table (256 signed 16-bit values) provides
saturation values of current iqs (expressed in q1.15 format), according to increasing
stator frequencies (see Section 4.4.4 on page 63).
2.3
How to define and add a c module
This section describes with an example how to define and include a new module in a project
based on the library. The example is based on the addition of two files: my_file.c and the
corresponding header file my_file.h.
1.
Create a new file.
You can either copy and paste an existing file and rename it, or in the File menu,
choose New, then click the File icon and save it in the right format (*.c, *.h
extension), as shown in Figure 9.
2.
Declare the new file containing your code in the toolchain workspace.
To do this, simply right-click in the workspace folder, then choose the Add Files sub-
menu. The new file is automatically added to the workspace and taken into account for
the compilation of the whole project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com