Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 73 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 69Page - STMicroelectronics UM0324 Datasheet HTML 70Page - STMicroelectronics UM0324 Datasheet HTML 71Page - STMicroelectronics UM0324 Datasheet HTML 72Page - STMicroelectronics UM0324 Datasheet HTML 73Page - STMicroelectronics UM0324 Datasheet HTML 74Page - STMicroelectronics UM0324 Datasheet HTML 75Page - STMicroelectronics UM0324 Datasheet HTML 76Page - STMicroelectronics UM0324 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
UM0324
Library functions
73/105
ENC_GetPosition
ENC_Get_Electrical_Angle
ENC_Get_Mechanical_Angle
Synopsis
u32 ENC_GetPosition(void)
Description
This function returns the encoder timer value, giving a direct reading
of the rotor position from 0 to 4*(number of encoder pulses per
revolution). For the SHINANO motor included with the STR750-
MCKIT, the encoder delivers 400 pulses per revolution. This routine
returns: 0 for 0 degrees, 4*400/2=800 for 180 degrees.
Input
None
Output
Unsigned 32 bits
Functions called
None
See also
STR750 datasheet: synchronizable standard timer.
Synopsis
s16 ENC_Get_Electrical_Angle(void)
Description
This function returns the electrical angle in signed 16-bit format. This
routine returns: 0 for 0 degrees, -32768 (S16_MIN) for -180 degrees,
+32767 (S16_MAX) for +180 degrees.
Input
None
Output
Signed 16 bits
Functions called
None
Synopsis
s16 ENC_Get_Electrical_Angle(void)
Description
This function returns the mechanical angle in signed 16-bit format. This
routine returns: 0 for 0 degrees, -32768 (S16_MIN) for -180 degrees,
+32767 (S16_MAX) for +180 degrees.
Input
None
Output
Signed 16 bits
Functions called
None
Note
Link between Electrical/Mechanical frequency/RPM:
Electrical frequency = number of pair poles x mechanical frequency
RPM speed = 60 x Mechanical frequency (RPM: revolutions per minute)
Example: electrical frequency = 100 Hz, motor with 8 pair poles:
100Hz electrical <-> 100/8 =12.5Hz mechanical <-> 12.5 x 60=750
RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com