Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 64 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 60Page - STMicroelectronics UM0324 Datasheet HTML 61Page - STMicroelectronics UM0324 Datasheet HTML 62Page - STMicroelectronics UM0324 Datasheet HTML 63Page - STMicroelectronics UM0324 Datasheet HTML 64Page - STMicroelectronics UM0324 Datasheet HTML 65Page - STMicroelectronics UM0324 Datasheet HTML 66Page - STMicroelectronics UM0324 Datasheet HTML 67Page - STMicroelectronics UM0324 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
Library functions
UM0324
64/105
There are two different field weakening operation regions (see Figure 39):
●
the constant power region, where rotor flux is decreased inversely with the speed
(considering the influence of the voltage drop across Lls) while slip frequency increases
until breakdown value;
●
the constant power·speed region, where rotor flux is decreased, but keeping the slip
frequency fixed at breakdown value.
Figure 39.
Torque vs. speed characteristic curve
In order to help you select the most suitable values of flux reference and torque saturation
(as needed by the CalcRotFlxSlipFreq function), a spreadsheet is available, to be filled out
with the following system parameters:
●
Mains AC voltage, rms, Volt (cell B1, Volt);
●
motor rated current, peak amplitude, (cell B2, Ampere); as said before, this data is to
be matched with inverter current rating;
●
motor rated magnetizing current, peak amplitude, (cell B3, Ampere);
●
magnetizing inductance Lm, (cell B4, Henry);
●
leakage inductance Lls ( Llr), (cell B5, Henry);
●
stator resistance rs, (cell B6, Ohm)
●
rotor resistance rr , (cell B7, Ohm);
●
maximum measurable current Imax, peak amplitude, (cell B8, Ampere).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com