Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 40Page - STMicroelectronics UM0324 Datasheet HTML 41Page - STMicroelectronics UM0324 Datasheet HTML 42Page - STMicroelectronics UM0324 Datasheet HTML 43Page - STMicroelectronics UM0324 Datasheet HTML 44Page - STMicroelectronics UM0324 Datasheet HTML 45Page - STMicroelectronics UM0324 Datasheet HTML 46Page - STMicroelectronics UM0324 Datasheet HTML 47Page - STMicroelectronics UM0324 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 105 page
background image
Library functions
UM0324
44/105
Fortunately, as discussed in Section 4.2.4,to reconstruct the currents flowing through a
generic three-phase load, it is sufficient to simultaneously sample only two out of three
currents, the third one being computed from the relation given in Section 4.2.4. Thus,
depending on the space vector sector, the A/D conversion of voltage V will be performed
only on the two phases where the duty cycles applied to the low side switches are the
highest. In particular, by looking at Figure 20, you can deduct that in sectors 1 and 6, the
voltage on the Phase A shunt resistor can be discarded; likewise, in sectors 2 and 3 for
Phase B, and finally in sectors 4 and 5 for Phase C.
Moreover, in order to properly synchronize the two stator current reading A/D conversions, it
is necessary to distinguish between the different situations that can occur depending on
PWM frequency and applied duty cycles.
Note:
The explanations below refer to space vector sector 1. They can be applied in the same
manner to the other sectors.
Case 1: Duty cycle applied to Phase A low side switch is larger than
DT+TN+ 2TS + TH + TDMA
Where:
●
DT is dead time.
●
TN is the duration of the noise induced on the shunt resistor voltage of a phase by the
commutation of a switch belonging to another phase.
●
TS is the sampling time of the STR750 A/D converter. Refer to the STR750 reference
manual for more detailed information.
●
TH is the holding time of the STR750 A/D converter. Refer to the STR750 reference
manual for more detailed information.
●
TDMA is the time required for the DMA to load the value related to the next conversion
delay in TIM0 OCR2 (refer to Section 4.2.4: Current sampling in three shunt topology
and general purpose A/D conversions on page 41 for further details).
This case typically occurs when SVPWM with low (<60%) modulation index is generated
(see Figure 24). The modulation index is the applied phase voltage magnitude expressed as
a percentage of the maximum applicable phase voltage (the duty cycle ranges from 0% to
100%).
Figure 25 offers a reconstruction of the PWM signals applied to low side switches of Phase
A and B in these conditions plus a view of the analog voltages measured on the STR750
A/D converter pins for both Phase B and C (the time base is lower than the PWM period).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com