Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 97 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 93Page - STMicroelectronics UM0324 Datasheet HTML 94Page - STMicroelectronics UM0324 Datasheet HTML 95Page - STMicroelectronics UM0324 Datasheet HTML 96Page - STMicroelectronics UM0324 Datasheet HTML 97Page - STMicroelectronics UM0324 Datasheet HTML 98Page - STMicroelectronics UM0324 Datasheet HTML 99Page - STMicroelectronics UM0324 Datasheet HTML 100Page - STMicroelectronics UM0324 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
UM0324
Additional information
97/105
Appendix A
Additional information
A.1
Adjusting CPU load related to IFOC algorithm execution
The Synchronizable-PWM Timer peripheral has the built-in capability of updating PWM
registers only after a given number of PWM semi-periods. This feature is handled by a
programmable repetition counter. It is particularly useful to adjust the CPU load related to
IFOC algorithm execution for a given PWM frequency (refer to STR750 Reference Manual
for more information on programmable repetition counter).
When using ICS, the injected chain of conversions for current reading is directly triggered by
a PWM register update event. Moreover, since the IFOC algorithm is executed at the end of
the injected chain of conversions in the related ISR, changing repetition counter has a direct
impact on IFOC refresh rate and thus on CPU load.
However, in the case of three shunt topology current reading, to ensure that the IFOC
algorithm is executed once for each PWM register update, it is necessary to keep the
synchronization between current conversions triggering and PWM signal. In the proposed
software library, this is automatically performed, so that you can reduce the frequency of
execution of the IFOC algorithm by simply changing the default value of the repetition
counter (the REP_RATE parameter in the MC_Control_Param.h header file). Figure 48
shows current sampling triggering, and IFOC algorithm execution with respect to PWM
period when REP_RATE is set to 3.
Figure 48.
AD conversions for three shunt topology stator currents reading and
IFOC algorithm execution when REP_RATE=3
Note:
Because three shunt resistor topology requires low side switches to be on when performing
current reading A/D conversions, the REP_RATE parameter must be an odd number in this
case.
Considering that the raw IFOC algorithm execution time is about 27.5µs when in three shunt
resistor stator current reading configuration, the related contribution to CPU load can be
computed as follows:
()
100
10
27.5
/2
1
REP_RATE
F
100
10
27.5
te
Refresh_Ra
F
Load
CPU
6
PWM
6
PWM
%
⋅
⋅
⋅
+
=
⋅
⋅
⋅
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com