Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 101 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 97Page - STMicroelectronics UM0324 Datasheet HTML 98Page - STMicroelectronics UM0324 Datasheet HTML 99Page - STMicroelectronics UM0324 Datasheet HTML 100Page - STMicroelectronics UM0324 Datasheet HTML 101Page - STMicroelectronics UM0324 Datasheet HTML 102Page - STMicroelectronics UM0324 Datasheet HTML 103Page - STMicroelectronics UM0324 Datasheet HTML 104Page - STMicroelectronics UM0324 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
UM0324
Additional information
101/105
Figure 51.
Processing captured value when timer did not overflow
Figure 52.
Processing captured value when timer did overflow
Prescaler decreased
in prev. int?
Capture < 0x5500?
Is the prescaler
already 0?
Store current prescaler value + 1
Reset flag indicating decrement
Store current prescaler value
Store current prescaler value
Store current prescaler value
Decrease prescaler register
Set flag indicating decrement for next
capture interrupt
Yes
No
No
No
Yes
Store capture value
Prescaler decreased
in prev. int?
Capture < 0x5500?
Is the prescaler
already 0?
Store current prescaler value + 1
Reset flag indicating decrement
Store current prescaler value
Store current prescaler value
Store current prescaler value
Decrease prescaler register
Set flag indicating decrement for next
capture interrupt
Yes
No
No
No
Yes
Store capture value
Is overflow Cnt=0?
Does Capture
exceeds 16-bit
format?
Prescaler will
overflow?
Compute total number of clock
cycle (+0x10000 per overflow
Make it fit 16-bit by increasing PrscBuf
Set max value to CaptBuf and PrscBuf
Store capture value in CaptBuf
Store prescaler value in PrscBuf
Store CaptBuf and PrscBuf in array
Did previous capture
cause overflow?
Is prescaler at
max value
already?
Increase Timer clock presale
Set flag indicating increment for next
capture interrupt
Reset flag indicating increment
Is overflow Cnt=0?
Does Capture
exceeds 16-bit
format?
Prescaler will
overflow?
Compute total number of clock
cycle (+0x10000 per overflow
Make it fit 16-bit by increasing PrscBuf
Set max value to CaptBuf and PrscBuf
Store capture value in CaptBuf
Store prescaler value in PrscBuf
Store CaptBuf and PrscBuf in array
Did previous capture
cause overflow?
Is prescaler at
max value
already?
Increase Timer clock presale
Set flag indicating increment for next
capture interrupt
Reset flag indicating increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com