Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0324 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics UM0324 Datasheet HTML 36Page - STMicroelectronics UM0324 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
UM0324
Running the demo program
33/105
1.
Set the DC source at low voltage (50V).
2.
Run the system in closed loop operation, and on the LCD, observe the target and
measured speeds.
The error occurs if the sign of the measured speed is opposite to the sign of the target
speed. (For help with the LCD menus see Section 3.2 on page 29):.
3.
If the error occurs, you can correct it by simply swapping and rewiring the encoder
output signals.
If this isn’t practical, you can modify a software setting instead: in the 75x_encoder.c
file, replace the code line:
TIM_InitStructure.TIM_IC1Polarity = TIM_IC1Polarity_Rising;
with:
TIM_InitStructure.TIM_IC1Polarity = TIM_IC1Polarity_Falling;
3.5
Fault messages
This section provides a list of possible fault message that can be displayed on the LCD
when using the software library together with the STR750MC-KIT:
●
“Over Current”
An Emergency Stop was detected on the PWM peripheral dedicated pin. If using
STR750-MCKIT it could mean that either the hardware over temperature protection or
the hardware over current protection were triggered. Refer to the STR750-MCKIT User
Manual for details,
●
“Over Heating”
An over temperature was detected on the dedicated analog channel; the digital
threshold NTC_THRESHOLD and the relative hysteresis (NTC_HYSTERESIS) are
specified in the MC_Misc.c source file. Refer to the STR750-MCKIT User Manual for
details.
●
“Tacho timed out”
The speed feedback timed out. Verify speed sensor connections.
●
“Start up failed”
The motor ramp-up failed. Refer to Section 3.1 and Section 3.2 for in-depth information,
●
“Bus Over Voltage”
An over voltage was detected on the dedicated analog channel. The digital threshold
(OVERVOLTAGE_THRESHOLD) is specified in the MC_Misc.c source file. Refer to the
STR750-MCKIT User Manual for details.
●
"Bus Under Voltage"
The bus voltage is below 20V DC. This threshold is specified in the
UNDERVOLTAGE_THRESHOLD
parameter in the MC_Misc.c source file.
Note:
The corresponding FAULT flag is not cleared by firmware, therefore the STR750 must be
reset after the bus voltage has been switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com