Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F010 Datasheet HTML 1Page - Microchip Technology PIC18F010 Datasheet HTML 2Page - Microchip Technology PIC18F010 Datasheet HTML 3Page - Microchip Technology PIC18F010 Datasheet HTML 4Page - Microchip Technology PIC18F010 Datasheet HTML 5Page - Microchip Technology PIC18F010 Datasheet HTML 6Page - Microchip Technology PIC18F010 Datasheet HTML 7Page - Microchip Technology PIC18F010 Datasheet HTML 8Page - Microchip Technology PIC18F010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 1
PIC18F010/020
High Performance RISC CPU:
• C compiler optimized instruction set
• Linear program memory addressing
- 4096 x 8 on-chip FLASH program memory
- 2048 x 8 on-chip FLASH program memory
(PIC18F010)
• Linear data memory addressing
- 256 x 8 general purpose registers
- 64 x 8 EEPROM
• Operating speed:
- DC - 40MHz clock input
- DC - 100 ns instruction cycle
- Internal oscillator with 5 program
selectable speeds (32kHz, 500kHz, 1MHz,
4MHz, 8MHz)
• 2.0V operation (4MHz)
• 16-bit wide instructions
• 8-bit wide data path
• 31 levels of hardware stack
• Software stack capability
• Multi-vector interrupt capability
• 8 x 8 multiply single cycle hardware
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR)
• Programmable Low Voltage Detection circuitry
(PLVD)
• Watchdog Timer (WDT) with its own on-chip
RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode with Wake-up on Pin
Change
• In-Circuit Serial Programming (ICSPTM) via two
pins
• Low cost MPLAB® ICD available
Peripheral Features:
• High current sink/source 25mA/25mA
• Timer0: 8-bit/16-bit timer/counter with 8-bit
programmable prescaler
Pinout Diagram:
CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Commercial, Industrial and Extended
temperature ranges
• Low power consumption
PDIP, SOIC
8
7
6
5
1
2
3
4
VDD
RB5/OSC1/CLKIN
RB4/OSC2/CLKOUT
RB3/MCLR/VPP
VSS
RB0/ICSPDAT
RB1/ICSPCLK
RB2/T0CKI/INT0
High Performance Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com