Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 14Page - Microchip Technology PIC18F010 Datasheet HTML 15Page - Microchip Technology PIC18F010 Datasheet HTML 16Page - Microchip Technology PIC18F010 Datasheet HTML 17Page - Microchip Technology PIC18F010 Datasheet HTML 18Page - Microchip Technology PIC18F010 Datasheet HTML 19Page - Microchip Technology PIC18F010 Datasheet HTML 20Page - Microchip Technology PIC18F010 Datasheet HTML 21Page - Microchip Technology PIC18F010 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 176 page
background image
PIC18F010/020
DS41142A-page 16
Preliminary
 2001 Microchip Technology Inc.
3.1
Power-on Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected. To take advantage of the POR cir-
cuitry, tie the MCLR pin directly (or through a resistor)
to VDD, or disable MCLR. This will eliminate external
oscillator components usually needed to create a
Power-on Reset delay. A maximum rise time for VDD is
specified (parameter D004). For a slow rise time, see
Figure 3-2.
When the device starts normal operation (exits the
RESET condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the device
must be held in RESET until the operating conditions
are met. Brown-out Reset may be used to meet the
voltage start-up condition.
FIGURE 3-2:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
3.2
Power-up Timer (PWRT)
The Power-up Timer provides a fixed nominal time-out
(parameter #33) only on power-up from the POR or
BOR, if enabled. The Power-up Timer operates on an
internal oscillator. The chip is kept in RESET as long as
the PWRT is active. The PWRT’s time delay allows
VDD to rise to an acceptable level. A configuration bit is
provided to enable/disable the PWRT.
The power-up time delay will vary from chip-to-chip due
to VDD, temperature and process variation. See DC
parameter #33 for details.
3.3
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over (parameter #32). This ensures that
the crystal oscillator or resonator has started and
stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
3.4
Brown-out Reset (BOR)
A configuration bit, BOREN, can disable (if clear/
programmed), or enable (if set) the Brown-out Reset
circuitry. If VDD falls below parameter D005 for greater
than parameter #35, the brown-out situation will reset
the chip. A RESET may not occur if VDD falls below
parameter D005 for less than parameter #35. The chip
will remain in Brown-out Reset until VDD rises above
BVDD. The Power-up Timer will then be invoked and
will keep the chip in RESET an additional time delay
(parameter #33). If VDD drops below BVDD while the
Power-up Timer is running, the chip will go back into a
Brown-out Reset and the Power-up Timer will be initial-
ized. Once VDD rises above BVDD, the Power-up Timer
will execute the additional time delay.
Note 1: External Power-on Reset circuit is required only
if the VDD power-up slope is too slow. The diode
D helps discharge the capacitor quickly when
VDD powers down.
2: R < 40k
Ω is recommended to make sure that
the voltage drop across R does not violate the
device’s electrical specification.
3: R1 = 100
Ω to 1kΩ will limit any current flowing
into MCLR from external capacitor C, in the
event of MCLR/VPP pin breakdown due to
Electrostatic Discharge (ESD), or Electrical
Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC18F010/020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com