Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 7Page - Microchip Technology PIC18F010 Datasheet HTML 8Page - Microchip Technology PIC18F010 Datasheet HTML 9Page - Microchip Technology PIC18F010 Datasheet HTML 10Page - Microchip Technology PIC18F010 Datasheet HTML 11Page - Microchip Technology PIC18F010 Datasheet HTML 12Page - Microchip Technology PIC18F010 Datasheet HTML 13Page - Microchip Technology PIC18F010 Datasheet HTML 14Page - Microchip Technology PIC18F010 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 9
PIC18F010/020
2.5
External Clock Input
The EC oscillator mode requires an external clock
source to be connected to the OSC1 pin. The feedback
device between OSC1 and OSC2 is turned off in this
mode to save current. There is no oscillator start-up
time required after a Power-on Reset or after a recov-
ery from SLEEP mode.
In the EC oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 2-4 shows the pin connections for the EC
oscillator mode.
FIGURE 2-4:
EXTERNAL CLOCK INPUT
OPERATION (EC OSC
CONFIGURATION)
FIGURE 2-5:
PIC18F010/020 OSCILLATOR CONFIGURATION
OSC1
OSC2
FOSC/4
Clock from
ext. system
PIC18F010/020
Configuration bits
OSCOUT
OSCIN
Crystal
Osc
SYSCLK
Ext Osc
and
Divider
82
1
IRCF Speed Selects
MUX
OSCTUNE
OSCCAL
+
Analog
Summation
External Clock In
500kHz
Internal
8MHz
Internal
OSC
OSC
32kHz
Internal
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com