| Electronic Components Datasheet Search |
|
PIC18F010 Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F010 Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 176 page ![]() 2001 Microchip Technology Inc. Preliminary DS41142A-page 15 PIC18F010/020 3.0 RESET The PIC18F010/020 differentiates between various kinds of RESET: a) Power-on Reset (POR) b) MCLR Reset during normal operation c) MCLR Reset during SLEEP d) Watchdog Timer (WDT) Reset (during normal operation) e) Programmable Brown-out Reset (BOR) f) RESET Instruction g) Stack Full Reset h) Stack Underflow Reset Most registers are unaffected by a RESET. Their status is unknown on POR and unchanged by all other RESETS. The other registers are forced to a “RESET state” on Power-on Reset, MCLR, WDT Reset, Brown- out Reset, MCLR Reset during SLEEP and by the RESET instruction. Most registers are not affected by a WDT wake-up, since this is viewed as the resumption of normal oper- ation. Status bits from the RCON register, RI, TO, PD, POR and BOR, are set or cleared differently in different RESET situations, as indicated in Table 3-2. These bits are used in software to determine the nature of the RESET. See Table 3-3 for a full description of the RESET states of all registers. A simplified block diagram of the on-chip RESET circuit is shown in Figure 3-1. The Enhanced MCU devices have a MCLR noise filter in the MCLR Reset path. The filter will detect and ignore small pulses. FIGURE 3-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR WDT Module VDD Rise Detect OST/PWRT On-chip Internal Osc(1) WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 10-bit Ripple Counter Reset Enable OST(2) Enable PWRT SLEEP Note 1: This is a separate oscillator from the internal oscillator of the CLKIN pin. 2: See Table 3-1 for time-out situations. Brown-out Reset BOREN RESET Instruction Stack Pointer Stack Full/Underflow Reset VDD OSC1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |