Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 81Page - Microchip Technology PIC18F010 Datasheet HTML 82Page - Microchip Technology PIC18F010 Datasheet HTML 83Page - Microchip Technology PIC18F010 Datasheet HTML 84Page - Microchip Technology PIC18F010 Datasheet HTML 85Page - Microchip Technology PIC18F010 Datasheet HTML 86Page - Microchip Technology PIC18F010 Datasheet HTML 87Page - Microchip Technology PIC18F010 Datasheet HTML 88Page - Microchip Technology PIC18F010 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 83
PIC18F010/020
12.0
SPECIAL FEATURES OF THE
CPU
There are several features intended to maximize sys-
tem reliability, minimize cost through elimination of
external components, provide power saving operating
modes and offer code protection. These are:
• OSC Selection
• RESET
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• SLEEP
• Code Protection
• ID Locations
• In-Circuit Serial ProgrammingTM
These devices have a Watchdog Timer, which is per-
manently enabled via the configuration bits or software-
controlled. It runs off its own internal oscillator for
added reliability. There are two timers that offer neces-
sary delays on power-up. One is the Oscillator Start-up
Timer (OST), intended to keep the chip in RESET until
the crystal oscillator is stable. The other is the Power-
up Timer (PWRT), which provides a fixed delay on
power-up only, designed to keep the part in RESET
while the power supply stabilizes. With these two tim-
ers on-chip, most applications need no external
RESET circuitry.
SLEEP mode is designed to offer a very low current
power-down mode. The user can wake-up from SLEEP
through external RESET, Watchdog Timer Wake-up, or
through an interrupt. Several oscillator options are also
made available to allow the part to fit the application.
The internal oscillator option saves system cost, while
the LP crystal option saves power. A set of configura-
tion bits are used to select various options.
12.1
Configuration Bits
The configuration bits can be programmed (read as '0'),
or left unprogrammed (read as '1'), to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h - 3FFFFFh),
which can only be accessed using table reads and
table writes.
TABLE 12-1:
CONFIGURATION BITS AND DEVICE IDS
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Factory/
Programmed
Value
300000h
CONFIG1L
—
TR1
TW1
CP1
DP
TR0
TW0
CP0
-111 1111
300001h
CONFIG1H
—
—
OSCEN
MCLRE
—
FOSC2
FOSC1
FOSC0
--01 -100
300002h
CONFIG2L
—
—
—
—
—
—
BOREN
PWRTE
---- --11
300003h
CONFIG2H
reserved
—
STVRE
WDTLE
WDPS2
WDPS1
WDPS0
WDTE
1-11 1111
300104h
FOSCCAL
—
—
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
--uu uuuu
300105h
Unused. Always reads ‘0’s.
0000 0000
3FFFFEh
DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
01dr rrrr
3FFFFFh
DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 0011
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition, grayed cells are unimplemented, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com