Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 15Page - Microchip Technology PIC18F010 Datasheet HTML 16Page - Microchip Technology PIC18F010 Datasheet HTML 17Page - Microchip Technology PIC18F010 Datasheet HTML 18Page - Microchip Technology PIC18F010 Datasheet HTML 19Page - Microchip Technology PIC18F010 Datasheet HTML 20Page - Microchip Technology PIC18F010 Datasheet HTML 21Page - Microchip Technology PIC18F010 Datasheet HTML 22Page - Microchip Technology PIC18F010 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 17
PIC18F010/020
3.5
Time-out Sequence
On power-up, the time-out sequence is as follows: first,
PWRT time-out is invoked after the POR time delay has
expired; then, OST is activated. The total time-out will
vary based on oscillator configuration and the status of
the PWRT. For example, in Internal Oscillator mode
with the PWRT disabled, there will be no time-out at all.
Figure 3-3, Figure 3-4, Figure 3-5 and Figure 3-6
depict time-out sequences on power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire.
Bringing MCLR high will begin execution immediately
(Figure 3-5). This is useful for testing purposes or to
synchronize more than one PIC18F010/020 device
operating in parallel.
Table 3-2 shows the RESET conditions for some
Special Function Registers, while Table 3-3 shows the
RESET conditions for all the registers.
TABLE 3-1:
TIME-OUT IN VARIOUS SITUATIONS
REGISTER 3-1:
RCON REGISTER BITS AND POSITIONS
TABLE 3-2:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Oscillator
Configuration
Power-up(1)
Brown-out(1)
Wake-up from
SLEEP or
Oscillator Switch
PWRTE = 0
PWRTE = 1
HS, XT, LP
72 ms + 1024Tosc
1024Tosc
72 ms + 1024Tosc
1024Tosc
EC
72 ms
—
72 ms
—
External Oscillator
72 ms
—
72 ms
—
Internal Oscillator(2)
72 ms
—
72 ms
—
Note 1: 72 ms is the nominal power-up timer delay.
2: 8-cycle delay.
R/W-0
U-0
U-0
R/W-1
R-1
R-1
R/W-1
R/W-1
IPEN
—
—
RI
TO
PD
POR
BOR
bit 7
bit 0
Condition
Program
Counter
RCON
Register
RI
TO
PD
POR
BOR
STKFUL
STKUNF
Power-on Reset
0000h
00-1 1100
1
1
1
0
0
u
u
MCLR Reset during normal
operation
0000h
00-u uuuu
u
u
u
u
u
u
u
Software Reset during normal
operation
0000h
0u-0 uuuu
0
u
u
u
u
u
u
Stack Full Reset during normal
operation
0000h
0u-u uu11
u
u
u
u
u
1
u
Stack Underflow Reset during
normal operation
0000h
0u-u uu11
u
u
u
u
u
u
1
MCLR Reset during SLEEP
0000h
00-u 10uu
u
1
0
u
u
u
u
WDT Reset
0000h
0u-u 01uu
1
0
1
u
u
u
u
WDT Wake-up
PC + 2
uu-u 00uu
u
0
0
u
u
u
u
Brown-out Reset
0000h
0u-1 11u0
1
1
1
1
0
u
u
Interrupt Wake-up from SLEEP
PC + 2
(
1)
uu-u 00uu
u
1
0
u
u
u
u
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as '0'.
Note 1: When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (0x000008h or 0x000018h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com