Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 100Page - Microchip Technology PIC18F010 Datasheet HTML 101Page - Microchip Technology PIC18F010 Datasheet HTML 102Page - Microchip Technology PIC18F010 Datasheet HTML 103Page - Microchip Technology PIC18F010 Datasheet HTML 104Page - Microchip Technology PIC18F010 Datasheet HTML 105Page - Microchip Technology PIC18F010 Datasheet HTML 106Page - Microchip Technology PIC18F010 Datasheet HTML 107Page - Microchip Technology PIC18F010 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 176 page
background image
PIC18F010/020
DS41142A-page 102
Preliminary
 2001 Microchip Technology Inc.
ADDWFC
ADD WREG and Carry bit to f
Syntax:
[ label ] ADDWFC
f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(WREG) + (f) + (C)
→ dest
Status Affected:
N,OV, C, DC, Z
Encoding:
0010
00da
ffff
ffff
Description:
Add WREG, the Carry Flag and data
memory location ’f’. If ’d’ is 0, the
result is placed in WREG. If ’d’ is 1,
the result is placed in data memory
location 'f'. If ’a’ is 0, the Access
Bank will be selected. If ’a’ is 1, the
Bank will be selected as per the
BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
ADDWFC
REG,
W
Before Instruction
C=
1
REG
=
0x02
WREG
=
0x4D
N=
?
OV
=
?
DC
=
?
Z=
?
After Instruction
C=
0
REG
=
0x02
WREG
=
0x50
N=
0
OV
=
0
DC
=
0
Z=
0
ANDLW
AND literal with WREG
Syntax:
[ label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .AND. k
→ WREG
Status Affected:
N,Z
Encoding:
0000
1011
kkkk
kkkk
Description:
The contents of WREG are AND’ed
with the 8-bit literal 'k'. The result is
placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
’k’
Process
Data
Write to
WREG
Example:
ANDLW
0x5F
Before Instruction
WREG
=
0xA3
N=
?
Z=
?
After Instruction
WREG
=
0x03
N=
0
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com