Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 47Page - Infineon Technologies AG TLE9263QX Datasheet HTML 48Page - Infineon Technologies AG TLE9263QX Datasheet HTML 49Page - Infineon Technologies AG TLE9263QX Datasheet HTML 50Page - Infineon Technologies AG TLE9263QX Datasheet HTML 51Page - Infineon Technologies AG TLE9263QX Datasheet HTML 52Page - Infineon Technologies AG TLE9263QX Datasheet HTML 53Page - Infineon Technologies AG TLE9263QX Datasheet HTML 54Page - Infineon Technologies AG TLE9263QX Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 164 page
background image
Data Sheet
51
Rev. 1.1, 2014-09-26
TLE9263QX
External Voltage Regulator 3
Figure 19
Protecting the VCC3 against inductive short circuits when configured as an independent
voltage regulator for off-board supply
8.2.2
External Voltage Regulator in Load Sharing Mode
The purpose of the load sharing mode is to increase the total current capability of VCC1 without increase of the
power dissipation within the SBC. The load current is shared between the VCC1 internal regulator and the external
PNP transistor of VCC3. Figure 20 shows the setup for Load Sharing. Load Sharing is active in SBC Normal
Mode. It can also be configured via SPI to stay active in SBC Stop Mode.
An input voltage up to
V
Sx,MAX is regulated to VCC3,nom = 5.0 V with a precision of ±2% when used in the load sharing
configuration in SBC Normal Mode.
This configuration is set and locked by enabling VCC3_LS for the first time while VCC3_ON has no function, i.e.
keep VCC3_ON = 0. Trying to change the VCC3 configuration after VCC3_LS has been set will result in the
SPI_FAIL bit being set and keeping the VCC3 configurations unchanged. Load sharing will be automatically
disabled (only if VCC3_LS_ STP_ON = 0) during SBC Stop Mode due to power saving reasons but the bit will
remain set to automatically switch back on after returning to SBC Normal Mode. It must be ensured that the same
VCC3 output voltage level is selected as for VCC1.
In this configuration VCC3 has no undervoltage signalization. VCC3 shuts down if Fail-Safe Mode is reached,
e.g. due to undervoltage shutdown (VS,UV monitoring).
VCC3 has no over current limitation in this configuration and the shunt resistor is defining the load sharing ratio
between the VCC1 and VCC3 load currents (see Equation (2) in Chapter 8.4). Thus, no over current condition
VCC3_OC will be signaled in this configuration.
RBE
VS -VCC3shunt
> Vshunt_threshold
VREF
State Machine
+
-
ICC3base
VCC3REF
VCC3B
VCC3SH
VS
RSHUNT
T1
C2
C1
VS
VCC3
ICC3
RLim
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com