Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 93Page - Infineon Technologies AG TLE9263QX Datasheet HTML 94Page - Infineon Technologies AG TLE9263QX Datasheet HTML 95Page - Infineon Technologies AG TLE9263QX Datasheet HTML 96Page - Infineon Technologies AG TLE9263QX Datasheet HTML 97Page - Infineon Technologies AG TLE9263QX Datasheet HTML 98Page - Infineon Technologies AG TLE9263QX Datasheet HTML 99Page - Infineon Technologies AG TLE9263QX Datasheet HTML 100Page - Infineon Technologies AG TLE9263QX Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
Data Sheet
97
Rev. 1.1, 2014-09-26
TLE9263QX
Fail Outputs
14.2
Electrical Characteristics
Table 25
Interrupt Output
V
SHS = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.1)
1) The FOx drivers are supplied via VS. However, the GPIO HS switches (FO2, FO3/TEST) are supplied by VSHS
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Pin FO1
FO1 low output voltage
(active)
V
FO,L1
––
1.0
V
I
FO = 4mA
P_14.2.1
FO1 high output current
(inactive)
I
FO,H
0–
2
µA
V
FO = 28V
P_14.2.2
Pin FO2
FO2 side indicator
frequency
f
FO2SI
1.00
1.25
1.50
Hz
3)
P_14.2.3
FO2 side indicator duty
cycle
d
FO2SI
–50
–
%
3)
P_14.2.4
Pin FO3/TEST2)
Pull-up Resistance at pin
FO3/TEST
R
TEST
2.5
5
10
kΩ
V
TEST =0V;
SBC Init Mode
P_14.2.5
TEST Input Filter Time
t
TEST
–64
–
µs
3)
P_14.2.6
FO3 pulsed
light frequency
f
FO3PL
80
100
120
Hz
3)
P_14.2.7
FO3 pulsed
light duty cycle
d
FO3PL
–20
–
%
3)4)default setting
P_14.2.8
Alternate FO2...3
Electrical Characteristics: GPIO
GPIO low-side output
voltage (active)
V
GPIOL,L1
––
1
V
I
GPIO = 10mA
P_14.2.9
GPIO low-side output
voltage (active)
V
GPIOL,L2
––
5
mV
5)I
GPIO = 50µA
P_14.2.17
GPIO high-side output
voltage (active)
V
GPIOH,H1
VSHS-1 –
–
V
I
GPO = -10mA
P_14.2.10
GPIO high-side output
voltage (active)
V
GPIOH,H2
VSHS-5 –
–
mV
5)I
GPO = -50µA
P_14.2.18
GPIO input threshold
voltage
V
GPIOI,th
1.5
2.5
3.5
V
6) hysteresis included P_14.2.11
GPIO input threshold
hysteresis
V
GPIOI,hys
100
400
700
mV
5)
P_14.2.12
GPIO low-side current
limitation
I
GPIOL,max
10
–
30
mA
V
GPIO = 28V
P_14.2.13
GPIO high-side current
limitation
I
GPIOH,max
-45
–
-10
mA
V
GPIO = 0V
P_14.2.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com