Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 90 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 90 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 86Page - Infineon Technologies AG TLE9263QX Datasheet HTML 87Page - Infineon Technologies AG TLE9263QX Datasheet HTML 88Page - Infineon Technologies AG TLE9263QX Datasheet HTML 89Page - Infineon Technologies AG TLE9263QX Datasheet HTML 90Page - Infineon Technologies AG TLE9263QX Datasheet HTML 91Page - Infineon Technologies AG TLE9263QX Datasheet HTML 92Page - Infineon Technologies AG TLE9263QX Datasheet HTML 93Page - Infineon Technologies AG TLE9263QX Datasheet HTML 94Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 164 page
background image
Data Sheet
90
Rev. 1.1, 2014-09-26
TLE9263QX
Wake and Voltage Monitoring Inputs
12.3
Electrical Characteristics
Table 23
Electrical Characteristics
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition Number
Min.
Typ.
Max.
WK1...WK3 Input Pin Characteristics
Wake-up/monitoring
threshold voltage
V
WKth
2
3
4
V
without external serial
resistor
R
S (with RS:
∆V =
I
PD/PU * RS);
hysteresis included
P_12.3.1
Threshold hysteresis
V
WKNth,hys 0.1
-
0.7
V
without external serial
resistor
R
S (with RS:
∆V =
I
PD/PU * RS);
P_12.3.2
WK pin Pull-up Current
I
PU_WK
-20
-10
-3
µA
V
WK_IN = 4V
P_12.3.3
WK pin Pull-down
Current
I
PD_WK
310
20
µA
V
WK_IN = 2V
P_12.3.4
Input leakage current
I
LK,l
-2
2
µA
0 V <
V
WK_IN < 40V
P_12.3.5
Drop Voltage across S1
switch
V
Drop,S1
–
1000
–
mV
1)Drop Voltage
between WK1 and
WK2 when enabled for
voltage measurement;
I
WK1 = 500µA;
T
j = 25°C
Refer to Figure 41
1) Not subject to production test; specified by design
P_12.3.13
Timing
Wake-up filter time 1
t
FWK1
-16
-
µs
2)SPI Setting
2) Not subject to production test, tolerance defined by internal oscillator tolerance
P_12.3.6
Wake-up filter time 2
t
FWK2
-64
-
µs
2)SPI Setting
P_12.3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com