Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 19Page - Infineon Technologies AG TLE9263QX Datasheet HTML 20Page - Infineon Technologies AG TLE9263QX Datasheet HTML 21Page - Infineon Technologies AG TLE9263QX Datasheet HTML 22Page - Infineon Technologies AG TLE9263QX Datasheet HTML 23Page - Infineon Technologies AG TLE9263QX Datasheet HTML 24Page - Infineon Technologies AG TLE9263QX Datasheet HTML 25Page - Infineon Technologies AG TLE9263QX Datasheet HTML 26Page - Infineon Technologies AG TLE9263QX Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 164 page
background image
TLE9263QX
System Features
Data Sheet
23
Rev. 1.1, 2014-09-26
There are four different device configurations (Table 5) available defining the watchdog failure and the VCC1 over
voltage behavior. The configurations can be selected via the external connection on the INT pin and the SPI bit
CFG in the HW_CTRL register (see also Chapter 16.4):
•
CFGP = ‘1’: Config 1 and Config 3:
– A watchdog trigger failure leads to SBC Restart Mode and depending on CFG the Fail Outputs (FOx) are
activated after the 1st (Config 1) or 2nd (Config 3) watchdog trigger failure;
– A VCC1 over voltage detection will lead to SBC Restart Mode if VCC1_OV_RST is set.
VCC1_ OV will be set and the Fail Outputs are activated;
•
CFGP = ‘0’: Config 2 and Config 4:
– A watchdog trigger failure leads to SBC Fail-Safe Mode and depending on CFG the Fail Outputs (FOx) are
activated after the 1st (Config 2) or 2nd (Config 4) watchdog trigger failure. The first watchdog trigger failure
in Config 4 will lead to SBC Restart Mode;
– A VCC1 over voltage detection will lead to SBC Fail-Safe Mode if VCC1_OV_RST is set.
VCC1_ OV will be set and the Fail Outputs are activated;
The respective device configuration can be identified by reading the SPI bit CFG in the HW_CTRL register and
the CFGP bit in the WK_LVL_STAT register.
Table 5 shows the configurations and the device behavior in case of a watchdog trigger failure:
Table 6 shows the configurations and the device behavior in case of a VCC1 over voltage detection when
VCC1_OV_RST is set:
The respective configuration will be stored for all conditions and can only be changed by powering down the device
(VS < VPOR,f).
Table 5
Watchdog Trigger Failure Configuration
Config INT Pin (CFGP)SPI Bit CFG Event
FOx Activation
SBC Mode Entry
1
External pull-up
1
1 x Watchdog Failure
after 1st WD Failure
SBC Restart Mode
2
No ext. pull-up
1
1 x Watchdog Failure
after 1st WD Failure
SBC Fail-Safe Mode
3
External pull-up
0
2 x Watchdog Failure
after 2nd WD Failure
SBC Restart Mode
4
No ext. pull-up
0
2 x Watchdog Failure
after 2nd WD Failure
SBC Fail-Safe Mode
Table 6
Device Behavior in Case of VCC1 Over Voltage Detection
Config INT Pin
(CFGP)
CFG Bit VCC1_O
V_RST
Event
VCC1
_ OV
FOx Activation
SBC Mode Entry
1-4
any value
x
0
1 x VCC1 OV 1
no FOx activation
unchanged
1
External pull-up 1
1
1 x VCC1 OV 1
after 1st VCC1 OV SBC Restart Mode
2
No ext. pull-up
1
1
1 x VCC1 OV 1
after 1st VCC1 OV SBC Fail-Safe Mode
3
External pull-up 0
1
1 x VCC1 OV 1
after 1st VCC1 OV SBC Restart Mode
4
No ext. pull-up
0
1
1 x VCC1 OV 1
after 1st VCC1 OV SBC Fail-Safe Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com