Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG TLE9263QX Datasheet HTML 16Page - Infineon Technologies AG TLE9263QX Datasheet HTML 17Page - Infineon Technologies AG TLE9263QX Datasheet HTML 18Page - Infineon Technologies AG TLE9263QX Datasheet HTML 19Page - Infineon Technologies AG TLE9263QX Datasheet HTML 20Page - Infineon Technologies AG TLE9263QX Datasheet HTML 21Page - Infineon Technologies AG TLE9263QX Datasheet HTML 22Page - Infineon Technologies AG TLE9263QX Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
TLE9263QX
General Product Characteristics
Data Sheet
19
Rev. 1.1, 2014-09-26
Note: There is no additional current consumption contribution due to PWM generators.
Current consumption for HSx
in SBC Stop Mode
I
Stop,HSx,85
–
575
700
µA
2)3)6)SBC Stop Mode;
T
j = 85°C;
Cyclic Sense & HSx =
ON (no load);
LIN, CAN,
WK1..3 = OFF
P_4.4.34
Current consumption for
cyclic sense function
I
Stop,CS25
–20
26
µA
3)7)8)SBC Stop Mode;
WD = OFF
P_4.4.23
Current consumption for
cyclic sense function
I
Stop,CS85
–24
35
µA
2)3)7)8)SBC Stop Mode;
T
j = 85°C;
WD = OFF
P_4.4.27
Current consumption for
watchdog active in Stop
Mode
I
Stop,WD25
–20
26
µA
2)SBC Stop Mode;
Watchdog running
P_4.4.30
Current consumption for
watchdog active in Stop
Mode
I
Stop,WD85
–24
35
µA
2)SBC Stop Mode;
T
j = 85°C;
Watchdog running
P_4.4.31
Current consumption for
active fail outputs (FO1..3)
I
Stop,FOx
–1.0
2.0
mA
2)all SBC Modes;
T
j = 25°C; FOx = ON
(no load);
P_4.4.24
1) If the load current on VCC1 will exceed the configured VCC1 active peak threshold IVCC1,Ipeak1,r or IVCC1,Ipeak2,r,
the current consumption will increase by typ. 2.9mA to ensure optimum dynamic load behavior. Same applies to VCC2. For
VCC3 the current consumption will increase by typ. 1.4mA. See also Chapter 6, Chapter 7, Chapter 8.
2) Not subject to production test, specified by design.
3) Current consumption adders of features defined for SBC Sleep Mode also apply for SBC Stop Mode and vice versa (unless
otherwise specified).
4) No pull-up or pull-down configuration selected.
5) The specified WKx current consumption adder for wake capability applies regardless how many WK inputs are activated.
6) A typ. 75µA / max 125µA (
T
j = 85°C) adder applies for every additionally activated HSx switch in SBC Stop Mode;
In SBC Normal Mode every HSx switch consumes the typ. 75µA / max 125µA (
T
j = 85°C) without the initial adder because
the biasing is already enabled.
7) HS1 used for cyclic sense, Timer 2, 20ms period, 0.1ms on-time, no load on HS1.
In general the current consumption adder for cyclic sense in SBC Stop Mode can be calculated with below equation:
IStop,CS = 18µA + (525µA *tON/TPer)
8) Also applies to Cyclic Wake
Table 4
Current Consumption (cont’d)
Current consumption values are specified at Tj = 25°C, VS = 13.5V, all outputs open (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com