Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QX Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 68Page - Infineon Technologies AG TLE9263QX Datasheet HTML 69Page - Infineon Technologies AG TLE9263QX Datasheet HTML 70Page - Infineon Technologies AG TLE9263QX Datasheet HTML 71Page - Infineon Technologies AG TLE9263QX Datasheet HTML 72Page - Infineon Technologies AG TLE9263QX Datasheet HTML 73Page - Infineon Technologies AG TLE9263QX Datasheet HTML 74Page - Infineon Technologies AG TLE9263QX Datasheet HTML 75Page - Infineon Technologies AG TLE9263QX Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
Data Sheet
72
Rev. 1.1, 2014-09-26
TLE9263QX
High Speed CAN Transceiver
Propagation Delay
TXD-to-RXD LOW
(recessive to dominant)
t
d(L),TR
–
150
255
ns
2)CAN Normal
Mode
C
L = 100 pF;
R
L = 60 Ω;
V
CAN = 5 V;
C
RXD = 15 pF
P_10.3.30
Propagation Delay
TXD-to-RXD HIGH
(dominant to recessive)
t
d(H),TR
–
150
255
ns
2)CAN Normal
Mode
C
L = 100 pF;
R
L = 60 Ω;
V
CAN = 5 V;
C
RXD = 15 pF
P_10.3.31
Propagation Delay
TXD LOW to bus dominant
t
d(L),T
–
50
–
ns
CAN Normal
Mode
C
L = 100pF;
R
L = 60 Ω;
V
CAN = 5 V;
P_10.3.32
Propagation Delay
TXD HIGH to bus recessive
t
d(H),T
–
50
–
ns
CAN Normal
Mode
C
L = 100 pF;
R
L = 60 Ω;
V
CAN = 5 V;
P_10.3.33
Propagation Delay
bus dominant to RXD LOW
t
d(L),R
–
100
–
ns
CAN Normal
Mode
C
L = 100pF;
R
L = 60 Ω;
V
CAN = 5 V;
C
RXD = 15 pF
P_10.3.34
Propagation Delay
bus recessive to RXD HIGH
t
d(H),R
–
100
–
ns
CAN Normal
Mode
C
L = 100pF;
R
L = 60 Ω
V
CAN = 5 V;
C
RXD = 15 pF
P_10.3.35
Recessive Bit Width on RXD
(CAN FD up to 2Mbps)
t
bit(RXD)
400–
550ns
CAN Normal
Mode
C
L = 100pF;
R
L = 60 Ω;
V
CAN = 5 V;
C
RXD = 15 pF;
t
bit(TXD) = 500ns;
Refer to
Figure 31
P_10.3.46
Table 17
Electrical Characteristics (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; 4.75 V < VCAN < 5.25 V; RL = 60Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com